PART |
Description |
Maker |
IRF5Y3205CM |
55V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 55V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.022ohm, Id=18A*)
|
IRF[International Rectifier]
|
STB80NF55-06-1 |
晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 80A条(丁)|62AA TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 80A I(D) | TO-262AA N-CHANNEL 55V 0.005 OHM 80A TO-220/TO-220FP/I2PAK STRIPFET II POWER MOSFET
|
SGS Thomson Microelectronics
|
HUFA75307D3 HUFA75307D3S HUFA75307P3 HUFA75307D3ST |
15A, 55V, 0.090 Ohm, N-Channel UltraFET
Power MOSFETs 15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs 15A/ 55V/ 0.090 Ohm/ N-Channel UltraFET Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
IRFIZ48N IRFIZ48 IRFIZ48NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=36A)
|
IRF[International Rectifier]
|
STB80PF5506 STP80PF55 |
P-channel 55V - 0.016Ω - 80A - TO-220 - D2PAK STripFET II Power MOSFET P-channel 55V - 0.016楼? - 80A - TO-220 - D2PAK STripFET垄芒 II Power MOSFET P-channel 55V - 0.016ヘ - 80A - TO-220 - D2PAK STripFET⑩ II Power MOSFET
|
STMicroelectronics
|
IRFZ34NL IRFZ34NS IRFZ34NSTRL IRFZ34NSTRR |
30V N-Channel PowerTrench MOSFET 30V的N沟道的PowerTrench MOSFET 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier, Corp.
|
STB80NF55-06 STP80NF55-06FP STB80NF55-06-1 STB80NF |
N-channel 55V - 0.005з - 80A - TO-220 /FP - I2PAK - D2PAK STripFET⑩ II Power MOSFET N - CHANNEL 55V - 0.005ohm - 80A TO-262/TO-263 STripFET POWER MOSFET N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET N-channel 55V - 0.005?/a> - 80A - TO-220 /FP - I2PAK - D2PAK STripFET?/a> II Power MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
IRFIZ24N IRFIZ24NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=14A)
|
IRF[International Rectifier]
|
BUK9107-55ATE |
TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 75A I(D) | SOT-426 晶体| MOSFET | N-CHANNEL | 55V V(BR)DSS | 75A I(D) | SOT-426封装 TrenchPLUS logic level FET
|
NXP Semiconductors N.V. Philips
|
IRF3205Z IRF3205ZL IRF3205ZS IRF3205ZLPBF IRF3205Z |
55V Single N-Channel HEXFET Power MOSFET in a D2Pak Package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 Package 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB Package AUTOMOTIVE MOSFET
|
IRF[International Rectifier]
|